PART |
Description |
Maker |
DTI250V |
Fuse DTI 250V
|
Schurter Inc.
|
Z8681B1 |
Leaded Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes
|
|
Z86B0712PEC |
Leaded Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
Pasternack Enterprises, Inc.
|
BK/PCB-2-1/2 BK/PCB-1-1/2 PCD-5 PCE-5 |
FUSE 2-1/2A 250V FAST PCTRON LNG ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 1-1/2A 250V FAST PCTRON LNG ELECTRIC FUSE, 1.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE PC Board Fuse; Leaded Process Compatible:No; Fuse Type:Fast Acting; Peak Reflow Compatible (260 C):No; Series:PC-Tron ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
STD4NA40 STD4NA40-T4 STD4NA40-1 |
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR Leaded Cartridge Fuse; Current Rating:500mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 3.3A I(D) | TO-251
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
5ST125-R 5STP400-R 5STP160-R 5ST5-R 5STP3.15-R 5ST |
Fuses, RoHS 125mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.125A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 400mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 160mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.16A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 5A 250V T IEC GLASS 5X20 Fuses, RoHS 3.15A 250V T IEC GLASS LEAD Fuses, RoHS 125mA 250V T IEC GLASS LEAD Fuses, RoHS 63mA 250V T IEC GLASS LEAD Fuses, RoHS 630mA 250V T IEC GLASS LEAD Fuses, RoHS 5A 250V T IEC GLASS LEAD Fuses, RoHS 800mA 250V T IEC GLASS 5X20
|
Bel Fuse, Inc. BEL FUSE INC
|
5TT125-R 5TTP1.6-R |
Fuses, RoHS 125mA 250V SB UL GLASS 5X20 SLOW BLOW ELECTRIC FUSE, 0.125A, 250VAC, 100A (IR), INLINE/HOLDER Fuses, RoHS 1.6A 250V SB UL GLAS LEAD SLOW BLOW ELECTRIC FUSE, 1.6A, 250VAC, 100A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
2010.0013 |
Miniature Telecom fuse available in 10 piece blisterTape; Voltage Rating: 250V; Current Rating: 0.4A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), INLINE/HOLDER
|
SCHURTER AG
|
5STP1 5STP10 5STP100 5STP160 5STP2 5STP2.5 5STP200 |
Fuses, 63mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.063A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, 6.3A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 6.3A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, 4A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 4A, 250VAC, 35A (IR), INLINE/HOLDER TIME-LAG FUSE SERIES (LOW BREAKING CAPACITY)
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
235001 |
Fuse 1A 250V AXIAL LEAD AND CARTRIDGE BULK
|
Littelfuse, Inc.
|
BK/AGC-3/4-R BK/AGC-15-R BK1/AGC-12B |
FUSE 3/4A 250V FAST AGC GLASS FAST BLOW ELECTRIC FUSE, 0.75A, 250VAC, 35A (IR), INLINE/HOLDER FUSE 15A 32V FAST AGC GLASS FAST BLOW ELECTRIC FUSE, 15A, 32VAC, 1000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 1000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
|